Part Number Hot Search : 
2SA15 CFR2WS 74LS4 91SAM R6011 MT90823 TDZ4V7J LT1768
Product Description
Full Text Search
 

To Download CXA1211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXA1211M
Electronic Volume
Description The CXA1211M is a wide band general-purpose VCA. This bipolar IC incorporates 2 chnannels. Features * Wide band frequency characteristics: 100kHz to 20MHz (-0.5dB) * Wide dynamic range * Low noise, low distortion * Low power consumption Applications Video signals and other wide band VCA Operating Conditions Supply voltage 8 pin SOP (Plastic)
VCC
4.50 to 5.50
V
Absolute Maximum Ratings * Supply voltage VCC * Operating temperature Topr * Storage temperature Tstg * Allowable power dissipation PD
14 -20 to +75 -65 to +150 510
V C C mW
Block Diagram and Pin Configuration
CONT2 VCC IN2 OUT2
5 4
8
7
6
VCA2
VCA1
1
2
3
CONT1
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
OUT1
GND
IN1
-1-
E90534D8X
CXA1211M
Pin Description Pin No. Symbol Voltage DC AC I/O resistance Equivalent circuit Description
VCC
1
IN1
2.5V 1.0Vp-p 40k
1 40k
3k
Signal input pin (CH1)
GND
VCC
2
CONT1 2.7V
2
--
24k
5k
Input pin of gain control signal (CH1). At "Low" power save is possible. Low: 1V and below
GND
100
1 100
VCC 129
3
OUT1
1.9V 1.0Vp-p
3 1m GND
Signal output pin (CH1)
4
GND
0V
--
--
--
GND pin
VCC 129
5
OUT2
1.9V 1.0Vp-p
5 1m GND
Signal output pin (CH2)
External input -2-
CXA1211M
Pin No.
Symbol
Voltage DC AC
I/O resistance
Equivalent circuit
Description
VCC
6
CONT2 2.7V
6
--
24k
5k
Input pin of gain control signal (CH2). At "Low" power save is possible. Low: 1V and below
GND
100
1 100
VCC
7
IN2
2.5V 1.0Vp-p 40k
7 40k
3k
Signal input pin (CH2)
GND
8
VCC
5V
--
--
--
VCC pin
External input
-3-
CXA1211M
Notes on Operation Do not fail to take the following precautions upon usage of the CXA1211M. 1. Countermeasure to cross talk between channels Fix a bypass capacitor to Pins CONT1 and CONT2 that control the amplifier gain. When the impedance of the control voltage source is visible, depending on the package volume and others, cross talk between channels is easily generated. 2. Input signal dynamic range The input dynamic range is at a max of 1.4Vp-p. When the input signal exceeds 1.4Vp-p, the waveform may be clipped and deformed.
-4-
CXA1211M
Electrical Characteristics
(Ta = 25C, VCC = 5.0V, See Electrical Characteristics Test Circuit.) Test point Test conditions
Item
Symbol Input conditions CONT SW set voltage to ON IN Level Freq (V) 0 0 2.87 1 500 300 mVp-p kHz 7 5.0
Test method
Min. Typ. Max. Unit
1-ch I1CH Current consumption Both-ch I2CH Max. gain CH1 CH2 CH1 CH2 G1MAX G2MAX G1MIN G2MIN VF1 VF2 D1CH D2CH N1CH N2CH
When only 1ch is A8 used, ch used is set to 2.87V.
2.0 4.5 3.0
4.0 7.5 5.0
6.0 mA 12 7.0 dB
0, 1 3 7 5
Min. gain
500 300 mVp-p kHz 7 1
1
1.8
0, 1 3 7 5 20MHz level 300kHz level
-7.0 -5.0 -3.0 dB
CH1 Frequency characteristics CH2 CH1 Distortion 1 CH2 CH1 S/N CH2
300k 0, 1 3 500 to 2.87 7 5 7 mVp-p 20M 1 7 1 7 1.0 Vp-p 0.5 Vp-p 5.0 MHz 100k to 1.8 4.2M
-1.0
+1.3 dB
0, 1 3 Adjust CONT to obtain 1.0Vp-p at 5 output 7 0, 1 3 7 Test at no signal 5 conditon
-40
dB
61
dB
-5-
CXA1211M
Electrical Characteristics Test Circuit
A8
0.1 0.01 51k V3
CONT2
OFF
OUT2
VCC
ON
IN2
SW7
V5 10k 10P
8 0.1 OFF SW0 ON S.G. 51 1
7
6
5 3300P VCA2 47 V1
VCA1
2
3
4
CONT1
OUT1
ON OFF SW1
GND
IN1
V3 10k 10P
51k 0.1 0.01 V2
-6-
CXA1211M
Application Circuit
When VCA2 is not in use
0.1
8 VCC
7
6
5 3300P VCA2 47 5V
VCA1 GND 1 0.1 2 3 4
S.G.
51 CONT
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
-7-
CXA1211M
Frequency characteristics 1 (When Gain = 0dB)
150 100 50 0 Gain 2.0 0 -2 -4
Phase [degree]
-100 -150 -200 -250 -300 -350 0.1 1 Frequency [MHz] 10
-8 -10 -12 -14 -16 -18 100
Frequency characteristics 2 (MAX Gain, MIN Gain)
+10 8 MAX 6 4
0 MIN -2 -4 -6 -8 -10 0.1 1 Frequency [MHz] 10 100
-8-
Gain [dB]
NORMAL
2
Gain [dB]
-50
Phase
-6
CXA1211M
Gain vs. CONT voltage characteristics
Room temperature VCC = 5.0V
5 4 3 2
Gain [dB]
1 0 -1 -2 -3 -4 2.0 3.0 CONT [V] 4.0 5.0
Gain vs. Temperature characteristics
0.4 VCC = 5.0V f = 300kHz Adjust to 0dB at 20C
0.3
0.2
0.1
Gain [dB]
0.0
-0.1
-0.2
-0.3
-0.4
-0.5 -20
0
20 40 60 Temperature [C]
80
100
-9-
CXA1211M
Package Outline
Unit: mm
8PIN SOP (PLASTIC)
+ 0.4 1.25 - 0.15 + 0.4 5.0 - 0.1 8 5 A 0.10
+ 0.3 4.4 - 0.1
1
4 1.27
b
0.24
M
0 to 10
(0.15) + 0.1 0.15 - 0.05
b = 0.4 0.03
+ 0.03 0.15 - 0.01
+ 0.1 b = 0.4 - 0.05 (0.4)
DETAILA
DETAIL B : SOLDER
DETAIL B : PALLADIUM
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE SOP-8P-L03 SOP008-P-0225 LEAD TREATMENT LEAD MATERIAL PACKAGE MASS EPOXY RESIN SOLDER/PALLADIUM PLATING 42/COPPER ALLOY 0.1g
NOTE : PALLADIUM PLATING This product uses S-PdPPF (Sony Spec.-Palladium Pre-Plated Lead Frame).
- 10 -
0.5 0.2
B
6.4 0.4
+ 0.15 0.1 - 0.1


▲Up To Search▲   

 
Price & Availability of CXA1211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X